Part Number Hot Search : 
AQV214 SC2932 1N5253B MAX16 ISP1520 TFS150G3 VF168 TFS150G3
Product Description
Full Text Search
 

To Download 90152-2334 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/24/2010 please check www.molex.com for latest part information part number: 0901522334 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid iii? pc board connector, dual row, right angle, straight pcb pins 0.76m (29") gold (au) selective, 34 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family pcb receptacles series 90152 application board-to-board overview cgrid__sl_products product name c-grid iii? physical circuits (loaded) 34 color - resin black glow-wire compliant no guide to mating part no keying to mating part none lock to mating part no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester number of rows 2 orientation right angle pc tail length (in) 0.114 in pc tail length (mm) 2.90 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 120 plating min: termination (m) 3 polarized to pcb no temperature range - operating -55c to +125c termination interface: style through hole electrical current - maximum per contact 3a grounding to pcb no voltage - maximum 350v solder process data lead-free process capability wave capable (th only) material info series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90152 series mates with 90122 , 90131
reference - drawing numbers sales drawing sda-90152 this document was generated on 05/24/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 90152-2334

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X